Part Number Hot Search : 
LTC2311 SDA006 74159 99103E3 LM1101N5 IRF2204L 82CNQ030 E36CA
Product Description
Full Text Search
 

To Download GMPALAHATA-WK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  seite - 53 - ausgabedatum: 06-10-16 a-1130 wien lilienberggasse 13 tel.: +43-1-403 08 12 fax: +43-1-408 72 13 e-mail: info@knap.at http://www.knap.at wolfgang knap gesellschaft m.b.h. & co.kg 3,2x5mm smt crystal-oscillators gmpa / gmha / gmla / gmta frequenzstabilit?t frequency stability betriebsbedingungen operating conditions modell model gm1pa/gm1la/gm1ha/gm1ta 100ppm/-10~+70c betriebstemperatur operating temp. -10~+70c, -40~+85c gm2pa/gm2la/gm2ha/gm2ta 50ppm/-10~+70c lagertemperatur storage temperature -55~+125c gm3pa/gm3la/gm3ha/gm3ta 25ppm/-10~+70c gm1par/gm1lar/gm1har /gm1tar 100ppm/-40~+85c gm2par/gm2lar/gm2har /gm2tar 50ppm/-40~+85c betriebsspannung v dd supply voltage gmpa gmla, gmha, gmta +3,3v 0,3v +5,0v 0,5v elektrische daten electrical characteristics t a = 25c, v dd = 3,3 v or 5,0 v, c l = 15 pf (gmpa, gmla), c l =50 pf (gmha), r l =400 ? (gmta) parameter parameter bedingungen conditions frequenzbereich frequ. range (mhz) gmpa gmla gmha gmta max. stromaufnahme max. input current i dd 20 ma 35 ma 45 ma 26 ma frequenzstabilit?t frequency stability ber alles *) all conditions *) 25 ppm ~ 100 ppm tastverh?ltnis symmetry @50% v dd @1,4 v 40/60 % - - 40/60 % ausgangsspannung output voltage v ol v oh ?0? level ?1? level 10% v dd max. 90% v dd min. 0,5 v max. 4,5 v min. 0,4 v max. 2,4 v min. anstiegszeit max. rise time max. t r 10% - 90% v dd 0,5 - 4,5 v 0,4 - 2,4 v 7 ns - - - 10 ns - - 7 ns - - - 5,0 ns abfallzeit max. fall time max. t f 90% - 10% v dd 4,5 - 0,5 v 2,4 - 0,4 v 7 ns - - - 10 ns - - 7 ns - - - 5,0 ns ausgangsstrom min. output current min. i ol i oh ?0? level ?1? level 2 ma 2 ma 4 ma 4 ma 16 ma 16 ma 16 ma 4 ma standbystrom max. standby current max. v il 30% v dd 10 a - ttl 10 ls-ttl 10 n-ttl max. belastbarkeit max. driving ability hcmos 15 pf 15 pf 50 pf - startzeit max. start-up time max. 0,0 ~ v dd 1,800 ~ 50,000 10 ms *) anmerkung: inkl. abgleichtoleranz, temperaturgang, spannungs- und last?nderung, alterung, schock und vibration note: incl. frequency and temperature tolerance, s upply voltage and load change, aging, shock and vibration anschlu?belegung pin connections abmessungen in mm dimensions in mm empfohlenes layout recommended solder pad layout #1 e/d #2 gnd #3 out #4 v dd funktionstabelle enable /disable function gmla/ha/ta gmpa control (pin #1) control (pin #1) output (pin #3) open open active ?1? (v ih 2,2v) ?1? (v ih 70% v dd ) active ?1? (v il 0,8v) ?0? (v il 30% v dd ) high z #1 #2 #4 #3 0,95 0,1 #1 #2 #4 #3 3,2 0,2 5,0 0,2. lead-free/rohs-conformal 1,4 1,4 1,4 1,1 1,4 1,1


▲Up To Search▲   

 
Price & Availability of GMPALAHATA-WK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X